PART |
Description |
Maker |
KDB3652 |
rDS(ON) = 14m (Typ.), VGS = 10V, ID = 61A Qg(tot) = 41nC (Typ.), VGS = 10V
|
TY Semiconductor Co., L...
|
FDB2552 |
rDS(ON) = 32m (Typ.), VGS = 10V, ID = 16A UIS Capability (Single Pulse and Repetitive Pulse)
|
TY Semiconductor Co., Ltd
|
2SK3458 |
Low gate charge QG = 25 nC TYP. (VDD = 450 V, VGS = 10 V, ID = 6.0 A)
|
TY Semiconductor Co., Ltd
|
KDB3632 FDB3632 |
rDS(ON) = 7.5m (Typ.), VGS = 10V, ID = 80A UIS Capability (Single Pulse and Repetitive Pulse)
|
TY Semiconductor Co., L...
|
AO3414 KO3414 |
VDS (V) = 20V ID= 4.2A (VGS=4.5V) RDS(ON) 50m (VGS = 4.5V) RDS(ON) 63m (VGS = 2.5V)
|
TY Semiconductor Co., Ltd
|
S7686 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 10.8; Package: DPAK (L)- (2)
|
Hamamatsu Photonics
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
IBM13M32734BCD |
32M x 72 2-Bank Registered/Buffered SDRAM Module(32M x 72 2组寄缓冲同步动态RAM模块) 32M × 72配置2,银行注缓冲内存模组2M × 72配置2组寄缓冲同步动态内存模块)
|
IBM Microeletronics International Business Machines, Corp.
|
KMM372V3200BS1 |
32M x 72 DRAM DIMM(32M x 72 动RAM模块) 32M × 72配置的DRAM内存2M × 72配置动态内存模块)
|
Samsung Semiconductor Co., Ltd.
|
SI2304DS |
30 0.117 @ VGS = 10 V 0.190 @ VGS = 4.5 V
|
TY Semiconductor Co., Ltd
|
2SA1256 |
High fT (230MHz typ), and small Cre (1.1pF typ). Small NF (2.5dB typ).
|
TY Semiconductor Co., Ltd
|